Part Number Hot Search : 
HA17723 300000 1N970B CAT525WI TA881GG MTSS330G AAT3221 2N4299
Product Description
Full Text Search
 

To Download BSS123LT3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BSS123LT1
Preferred Device
Power MOSFET 170 mAmps, 100 Volts
N-Channel SOT-23
Features http://onsemi.com
* Pb-Free Packages are Available
170 mAMPS 100 VOLTS RDS(on) = 6 W
N-Channel 3 Symbol VDSS VGS VGSM ID IDM Value 100 20 40 0.17 0.68 Unit Vdc 1 Vdc Vpk Adc 2
MAXIMUM RATINGS
Rating Drain-Source Voltage Gate-Source Voltage - Continuous - Non-repetitive (tp 50 ms) Drain Current - Continuous (Note 1) - Pulsed (Note 2)
SA
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (Note 3) TA = 25C Derate above 25C Thermal Resistance, Junction-to-Ambient Junction and Storage Temperature Symbol PD RqJA TJ, Tstg Max 225 1.8 556 -55 to +150 Unit mW mW/C C/W C
1 2
SA M
= Device Code = Date Code
PIN ASSIGNMENT
Drain
3
1. The Power Dissipation of the package may result in a lower continuous drain current. 2. Pulse Width v 300 ms, Duty Cycle v 2.0%. 3. FR-5 = 1.0 0.75 0.062 in.
1 2
Gate
Source
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2005
1
March, 2005 - Rev. 5
Publication Order Number: BSS123LT1/D
M
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
MARKING DIAGRAM
3
SOT-23 CASE 318 STYLE 21
BSS123LT1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 250 mAdc) Zero Gate Voltage Drain Current (VGS = 0, VDS = 100 Vdc) TJ = 25C TJ = 125C Gate-Body Leakage Current (VGS = 20 Vdc, VDS = 0) V(BR)DSS IDSS - - IGSS - - - - 15 60 50 nAdc 100 - - Vdc mAdc
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage (VDS = VGS, ID = 1.0 mAdc) Static Drain-Source On-Resistance (VGS = 10 Vdc, ID = 100 mAdc) Forward Transconductance (VDS = 25 Vdc, ID = 100 mAdc) VGS(th) rDS(on) gfs 0.8 - 80 - 5.0 - 2.8 6.0 - Vdc W mmhos
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Output Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Ciss Coss Crss - - - 20 9.0 4.0 - - - pF pF pF
SWITCHING CHARACTERISTICS(4)
Turn-On Delay Time Turn-Off Delay Time (VCC = 30 Vdc, IC = 0.28 Adc, VGS = 10 Vdc, RGS = 50 W) td(on) td(off) - - 20 40 - - ns ns
REVERSE DIODE
Diode Forward On-Voltage (ID = 0.34 Adc, VGS = 0 Vdc) 4. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%. VSD - - 1.3 V
ORDERING INFORMATION
Device BSS123LT1 BSS123LT1G BSS123LT3 BSS123LT3G Package SOT-23 SOT-23 (Pb-Free) SOT-23 SOT-23 (Pb-Free) Shipping 3,000 Tape & Reel 3,000 Tape & Reel 10,000 Tape & Reel 10,000 Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
BSS123LT1
TYPICAL ELECTRICAL CHARACTERISTICS
2.0 1.8 I D, DRAIN CURRENT (AMPS) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 VDS, DRAN SOURCE VOLTAGE (VOLTS) TA = 25C I D, DRAIN CURRENT (AMPS) VGS = 10 V 9V 8V 7V 6V 5V 4V 3V 9.0 10
1.0 VDS = 10 V 0.8 0.6 0.4 0.2 -55 C 125C 25C
0
1.0
2.0 3.0 4.0 5.0 6.0 7.0 8.0 VGS, GATE SOURCE VOLTAGE (VOLTS)
9.0
10
Figure 1. Ohmic Region
Figure 2. Transfer Characteristics
r DS(on) , STATIC DRAIN-SOURCE ON-RESISTANCE (NORMALIZED)
2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VGS = 10 V ID = 200 mA
VGS(th) , THRESHOLD VOLTAGE (NORMALIZED)
2.4
1.2 1.05 1.1 1.10 1.0 0.95 0.9 0.85 0.8 0.75 0.7 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VDS = VGS ID = 1.0 mA
Figure 3. Temperature versus Static Drain-Source On-Resistance
Figure 4. Temperature versus Gate Threshold Voltage
http://onsemi.com
3
BSS123LT1
PACKAGE DIMENSIONS
SOT-23 (TO-236) CASE 318-08 ISSUE AK
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 318-01 THRU -07 AND -09 OBSOLETE, NEW STANDARD 318-08. INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
A L
3 1 2
BS
V
G C D H K J
DIM A B C D G H J K L S V
STYLE 21: PIN 1. GATE 2. SOURCE 3. DRAIN
SOLDERING FOOTPRINT*
0.95 0.037
0.95 0.037
2.0 0.079 0.9 0.035 0.8 0.031
SCALE 10:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Phone: 81-3-5773-3850 ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
4
BSS123LT1/D


▲Up To Search▲   

 
Price & Availability of BSS123LT3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X